|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
lt3481 1 3481fc 36v, 2a, 2.8mhz step-down switching regulator with 50a quiescent current the lt ? 3481 is an adjustable frequency (300khz to 2.8mhz) monolithic buck switching regulator that accepts input voltages up to 34v (36v maximum). a high ef? ciency 0.18 switch is included on the die along with a boost schottky diode and the necessary oscillator, control, and logic circuitry. current mode topology is used for fast transient response and good loop stability. low ripple burst mode operation maintains high ef? ciency at low output currents while keeping output ripple below 15mv in a typical application. in addition, the lt3481 can fur- ther enhance low output current ef? ciency by drawing bias current from the output when v out is above 3v. shutdown reduces input supply current to less than 1a while a resistor and capacitor on the run/ss pin provide a controlled output voltage ramp (soft-start). a power good ? ag signals when v out reaches 90% of the programmed output voltage. the lt3481 is available in 10-pin msop and 3mm x 3mm dfn packages with exposed pads for low thermal resistance. automotive battery regulation power for portable products distributed supply regulation industrial supplies wall transformer regulation wide input range: 3.6v to 34v operating, 36v maximum 2a maximum output current low ripple burst mode ? operation 50a i q at 12v in to 3.3v out output ripple < 15mv adjustable switching frequency: 300khz to 2.8mhz low shutdown current: i q < 1a integrated boost diode power good flag saturating switch design: 0.18 on-resistance 1.265v feedback reference voltage output voltage: 1.265v to 20v soft-start capability synchronizable between 275khz to 475khz small 10-pin thermally enhanced msop and (3mm x 3mm) dfn packages 3.3v step-down converter sw bias fb v c pg rt v in bd v in 4.5v to 34v v out 3.3v2a 4.7f 0.47f 330pf 22f 200k 16.2k 60.4k 4.7h 324k gnd off on lt3481 3481 ta01 run/ss boost ef? ciency load current (a) 0.0001 efficiency (%) power loss (mw) 4030 0.001 0.01 0.1 1 10 3481 ta01b 6050 9080 70 0.10.01 10.01.0 10000.01000.0 100.0 v in = 12v v out = 3.3v l = 4.7f = 800 khz typical application description features applications l , lt, ltc, ltm, burst mode, linear technology and the linear logo are registered trademarks of linear technology corporation. all other trademarks are the property of their respective owners. downloaded from: http:///
lt3481 2 3481fc v in , run/ss voltage .................................................36v boost pin voltage ...................................................56v boost pin above sw pin .........................................30v fb, rt, v c voltage .......................................................5v bias, pg, bd voltage ................................................30v maximum junction temperature........................... 125c lt3481e, lt3481i ............................................. 125c lt3481h ........................................................... 150c (note 1) operating temperature range (note 2) lt3481e ............................................... C40c to 85c lt3481i.............................................. C40c to 125c lt3481h ............................................ C40c to 150c storage temperature range ................... C65c to 150c lead temperature (soldering, 10 sec) mse only .......................................................... 300c absolute maximum ratings top view dd package 10-lead (3mm s 3mm) plastic dfn exposed pad (pin 11) is gnd must be connected to gnd 10 96 7 8 45 3 11 2 1 rtv c fbbias pg bd boost sw v in run/ss ja = 43c/w 12 3 4 5 bd boost sw v in run/ss 109 8 7 6 rtv c fbbias pg top view mse package 10-lead plastic msop exposed pad (pin 11) is gnd must be connected to gnd 11 ja = 40c/w pin configuration order information lead free finish tape and reel part marking* package description temperature range lt3481edd#pbf lt3481edd#trpbf lbvs 10-lead (3mm 3mm) plastic dfn C40c to 85c lt3481idd#pbf lt3481idd#trpbf lbvv 10-lead (3mm 3mm) plastic dfn C40c to 125c lt3481hdd#pbf lt3481hdd#trpbf lbvs 10-lead (3mm 3mm) plastic dfn C40c to 150c lt3481emse#pbf lt3481emse#trpbf ltbvt 10-lead plastic msop C40c to 85c lt3481imse#pbf lt3481imse#trpbf ltbvw 10-lead plastic msop C40c to 125c lt3481hmse#pbf lt3481hmse#trpbf ltbvt 10-lead plastic msop C40c to 150c lead based finish tape and reel part marking* package description temperature range lt3481edd lt3481edd#tr lbvs 10-lead (3mm 3mm) plastic dfn C40c to 85c lt3481idd lt3481idd#tr lbvv 10-lead (3mm 3mm) plastic dfn C40c to 125c lt3481hdd lt3481hdd#tr lbvs 10-lead (3mm 3mm) plastic dfn C40c to 150c lt3481emse lt3481emse#tr ltbvt 10-lead plastic msop C40c to 85c lt3481imse lt3481imse#tr ltbvw 10-lead plastic msop C40c to 125c lt3481hmse lt3481hmse#tr ltbvt 10-lead plastic msop C40c to 150c consult ltc marketing for parts speci? ed with wider operating temperature ranges. *the temperature grade is identi? ed by a label on the shipping container. for more information on lead free part marking, go to: http://www.linear.com/leadfree/ for more information on tape and reel speci? cations, go to: http://www.linear.com/tapeandreel/ downloaded from: http:/// lt3481 3 3481fc parameter conditions min typ max units minimum input voltage 3 3.6 v quiescent current from v in v run/ss = 0.2v 0.01 0.5 a v bias = 3v, not switching 22 60 a v bias = 0, not switching 75 120 a quiescent current from bias v run/ss = 0.2v 0.01 0.5 a v bias = 3v, not switching 50 120 a v bias = 0, not switching 05 a minimum bias voltage 2.7 3 v feedback voltage 1.251.24 1.2651.265 1.29 1.3 vv fb pin bias current (note 3) v fb = 1.25v, v c = 0.4v 30 100 na fb voltage line regulation 4v < v in < 34v 0.002 0.02 %/v error amp g m 330 mho error amp gain 800 v c source current 65 a v c sink current 85 a v c pin to switch current gain 3.5 a/v v c clamp voltage 2v switching frequency r t = 8.66k r t = 29.4k r t = 187k 2.5 1.25 250 2.81.4 300 3.1 1.55 350 mhzmhz khz minimum switch off-time 130 200 ns switch current limit duty cycle = 5% 3.2 3.8 4.4 a switch v cesat i sw = 2a 360 mv boost schottky reverse leakage v sw = 10v, v bias = 0v 0.02 2 a minimum boost voltage (note 4) 1.5 2.1 v boost pin current i sw = 1a 18 35 ma run/ss pin current v run/ss = 2.5v 5 10 a run/ss input voltage high 2.5 v run/ss input voltage low 0.2 v pg threshold offset from feedback voltage v fb rising 122 mv pg hysteresis 5 mv pg leakage v pg = 5v 0.1 1 a pg sink current v pg = 3v 100 600 a note 1: stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. exposure to any absolute maximum rating condition for extended periods may affect device reliability and lifetime. note 2: the lt3481e is guaranteed to meet performance speci? cations from 0c to 85c. speci? cations over the C40c to 85c operating temperature range are assured by design, characterization and correlation with statistical process controls. the lt3481i speci? cations are guaranteed over the C40c to 125c temperature range. the lt3481h speci? cations are guaranteed over the C40c to 150c operating temperature range. high junction temperatures degrade operating lifetimes. operating lifetime is derated at junction temperatures greater than 125c. note 3: bias current ? ows into the fb pin. note 4: this is the minimum voltage across the boost capacitor needed to guarantee full saturation of the switch. the denotes the speci? cations which apply over the full operating temperature range, otherwise speci? cations are at t a = 25c. v in = 10v, v runs/ss = 10v v boost = 15v, v bias = 3.3v unless otherwise noted. (note 2) electrical characteristics downloaded from: http:/// lt3481 4 3481fc duty cycle (%) 0 switch current limit(a) 40 3481 g08 2.5 20 60 1.51.0 4.03.5 3.0 2.0 80 100 temperature (c) C50 supply current (a) 350 25 3481 g05 200 100 C25 0 50 50 0 400300 250 150 75 100 125 150 v in = 12v v out = 3.3v catch diode: diodes, inc. pds360 increased supply current due to catch diode leakage at high temperature ef? ciency (v out = 5.0v) ef? ciency (v out = 3.3v) no load supply current no load supply current maximum load current load current (a) 0.0001 0 efficiency (%) 4030 100 0.001 0.01 0.1 1 10 3481 g01 2010 6050 9080 70 v in = 24v v in = 12v l: nec plc-0745-4r7f: 800khz load current (a) 0.0001 0 efficiency (%) 4030 100 0.001 0.01 0.1 1 10 3481 g02 2010 6050 9080 70 v in = 12v v in = 24v v in = 7v l: nec plc-0745-4r7f: 800khz input voltage (v) 0 supply current (a) 70 15 3481 g04 40 20 510 20 10 0 8060 50 30 25 30 35 t a = 25c front page application input voltage (v) 5 load current (a) 15 3481 g07 2.5 10 20 1.51.0 4.03.5 3.0 2.0 25 30 typical minimum v out = 5.0v t a = 25c l = 4.7hf = 800khz switch current limit input voltage (v) 5 load current (a) 15 3481 g06 2.5 10 20 1.51.0 4.03.5 3.0 2.0 25 30 typical minimum v out = 3.3v t a = 25c l = 4.7hf = 800khz temperature (c) C50 switch current limit (a) 2.0 2.5 3.0 125 3481 g09 1.5 1.0 0 0 C25 50 25 100 75 0.5 4.5 4.0 duty cycle = 10 % duty cycle = 90 % maximum load current switch current limit switching frequency (mhz) 0 efficiency (%) 85 1.5 3481 g03 70 60 0.5 1 2 5550 9080 75 65 2.5 3 v in = 12v v in = 24v v out = 3.3v l = 10hload = 1a ef? ciency typical performance characteristics downloaded from: http:/// lt3481 5 3481fc boost diode current (a) 0 boost diode v f (v) 0.8 1.0 1.2 2.0 3481 g18 0.60.4 0 0.5 1.0 1.5 0.2 1.61.4 run/ss pin voltage (v) 0 run/ss pin current (a) 8 10 12 15 25 3481 g17 6 4 510 20 30 35 2 0 switch voltage drop boost pin current feedback voltage switching frequency frequency foldback minimum switch on-time soft-start run/ss pin current boost diode switch current (ma) 0 400 500 700 1500 2500 3481 g10 300200 500 1000 2000 3000 3500 100 0 600 voltage drop (mv) switch current (ma) 0 0 boost pin current (ma) 10 30 40 50 2000 90 3481 g11 20 1000 500 2500 3000 1500 3500 60 70 80 temperature (c) C50 feedback voltage (v) 1.270 1.280 125 150 4381 g12 1.2601.250 0 50 100 C25 25 75 1.2901.265 1.2751.255 1.285 temperature (c) C50 frequency (mhz) 1.00 1.10 125 150 4381 g13 0.900.80 0 50 100 C25 25 75 1.20 r t = 45.3k 0.95 1.050.85 1.15 fb pin voltage (mv) 0 switching frequency (khz) 800 1000 1200 600 1000 3481 g14 600 400 200 400 800 1200 1400 200 0 r t = 45.3k temperature (?c) C50 minimum switch on time (ns) 80 100 120 25 3481 g15 6040 C25 0 50 75 100 150 125 20 0 140 run/ss pin voltage (v) 0 switch current limit (a) 3.5 1.5 3481 g16 2.0 1.0 0.5 1 2 0.5 0 4.03.0 2.5 1.5 2.5 3 3.5 typical performance characteristics downloaded from: http:/// lt3481 6 3481fc temperature (c) C50 threshold voltage (v) 1.50 2.00 2.50 25 75 125 150 3481 g22 1.00 0.50 0 C25 0 50 100 current limit clamp switching threshold v c voltages 3481 g24 i l 0.5a/div v sw 5v/div v out 10mv/div 5s/div v in = 12v; front page application i load = 10ma fb pin voltage (v) 1.065 C80 v c pin current (a) C60 C20 0 20 1?.265 1.465 100 3481 g19 C40 1.165 1.365 40 60 80 load current (a) 0.001 input voltage (v) 3.0 3.5 10 3481 g20 2.52.0 0.01 0.1 1 4.54.0 v out = 3.3v t a = 25c l = 4.7hf = 800khz load current (a) 0.001 input voltage (v) 5.0 5.5 10 3481 g21 4.54.0 0.01 0.1 1 6.56.0 v out = 5.0v t a = 25c l = 4.7hf = 800khz temperature (c) C50 threshold voltage (v) 1.160 1.180 1.200 25 75 150 3481 g23 1.140 1.120 1.100 C25 0 50 100 125 pg rising 3481 g25 i l 0.5a/div v run/ss 5v/div v out 10mv/div v in = 12v; front page application i load = 140ma 1s/div 3481 g26 i l 0.5a/div v run/ss 5v/div v out 10mv/div v in = 12v; front page application i load = 1a 1s/div error amp output current minimum input voltage minimum input voltage power good threshold switching waveforms; transition from burst mode operation to full frequency switching waveforms; full frequency continuous operation switching waveforms; burst mode operation typical performance characteristics downloaded from: http:/// lt3481 7 3481fc bd (pin 1): this pin connects to the anode of the boost schottky diode.boost (pin 2): this pin is used to provide a drive voltage, higher than the input voltage, to the internal bipolar npn power switch. sw (pin 3): the sw pin is the output of the internal power switch. connect this pin to the inductor, catch diode and boost capacitor. v in (pin 4): the v in pin supplies current to the lt3481s internal regulator and to the internal power switch. this pin must be locally bypassed. run/ss (pin 5): the run/ss pin is used to put the lt3481 in shutdown mode. tie to ground to shut down the lt3481. tie to 2.3v or more for normal operation. if the shutdown feature is not used, tie this pin to the v in pin. run/ss also provides a soft-start function; see the applications information section. pg (pin 6): the pg pin is the open-collector output of an internal comparator. pg remains low until the fb pin is within 10% of the ? nal regulation voltage. pg output is valid when v in is above 3.5v and run/ss is high. bias (pin 7): the bias pin supplies the current to the lt3481s internal regulator. tie this pin to the lowest available voltage source above 3v (typically v out ). this architecture increases ef? ciency especially when the input voltage is much higher than the output. fb (pin 8): the lt3481 regulates the fb pin to 1.265v. connect the feedback resistor divider tap to this pin.v c (pin 9): the v c pin is the output of the internal error ampli? er. the voltage on this pin controls the peak switch current. tie an rc network from this pin to ground to compensate the control loop. rt (pin 10): oscillator resistor input. connecting a resistor to ground from this pin sets the switching frequency. exposed pad (pin 11): ground. the exposed pad must be soldered to pcb. +C +C +C oscillator 300khz to 2.8mhz burst mode detect v c clamp soft-start slope comp internal 1.265v ref r v in v in biasrun/ss boost sw switch latch v c v out c2 c3 c f l1 d1 disable c c r c bd rt r2 gnd error amp r1 fb r t c1 pg 1.12v s q 3 3481 bd 47 5 10 6 12 3 9 11 8 pin functions block diagram downloaded from: http:/// lt3481 8 3481fc the lt3481 is a constant frequency, current mode step- down regulator. an oscillator, with frequency set by rt, enables an rs ? ip-? op, turning on the internal power switch. an ampli? er and comparator monitor the current ? owing between the v in and sw pins, turning the switch off when this current reaches a level determined by the voltage at v c . an error ampli? er measures the output voltage through an external resistor divider tied to the fb pin and servos the v c pin. if the error ampli? ers output increases, more current is delivered to the output; if it decreases, less current is delivered. an active clamp on the v c pin provides current limit. the v c pin is also clamped to the voltage on the run/ss pin; soft-start is implemented by generating a voltage ramp at the run/ss pin using an external resistor and capacitor. an internal regulator provides power to the control cir- cuitry. the bias regulator normally draws power from the v in pin, but if the bias pin is connected to an external voltage higher than 3v bias power will be drawn from the external source (typically the regulated output voltage). this improves ef? ciency. the run/ss pin is used to place the lt3481 in shutdown, disconnecting the output and reducing the input current to less than 1a. the switch driver operates from either the input or from the boost pin. an external capacitor and diode are used to generate a voltage at the boost pin that is higher than the input supply. this allows the driver to fully saturate the internal bipolar npn power switch for ef? cient operation. to further optimize ef? ciency, the lt3481 automatically switches to burst mode operation in light load situations. between bursts, all circuitry associated with controlling the output switch is shut down reducing the input supply current to 50a in a typical application. the oscillator reduces the lt3481s operating frequency when the voltage at the fb pin is low. this frequency foldback helps to control the output current during startup and overload. the lt3481 contains a power good comparator which trips when the fb pin is at 91% of its regulated value. the pg output is an open-collector transistor that is off when the output is in regulation, allowing an external resistor to pull the pg pin high. power good is valid when the lt3481 is enabled and v in is above 3.6v. operation downloaded from: http:/// lt3481 9 3481fc fb resistor networkthe output voltage is programmed with a resistor divider between the output and the fb pin. choose the 1% resis- tors according to: rr v out 12 1 265 1 = ?? ? ?? ? . ? reference designators refer to the block diagram.setting the switching frequency the lt3481 uses a constant frequency pwm architecture that can be programmed to switch from 300khz to 2.8mhz by using a resistor tied from the rt pin to ground. a table showing the necessary r t value for a desired switching frequency is in figure 1. switching frequency (mhz) r t value (k ) 0.20.3 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 267187 133 84.560.4 45.3 36.5 29.4 23.7 20.5 16.9 14.3 12.1 10.2 8.66 operating frequency trade-offs selection of the operating frequency is a trade-off between ef? ciency, component size, minimum dropout voltage, and maximum input voltage. the advantage of high frequency operation is that smaller inductor and capacitor values may be used. the disadvantages are lower ef? ciency, lower maximum input voltage, and higher dropout voltage. the highest acceptable switching frequency (f sw(max) ) for a given application can be calculated as follows: f vv tv v v sw max d out on min di nsw () () = + + () ? where v in is the typical input voltage, v out is the output voltage, is the catch diode drop (~0.5v), v sw is the internal switch drop (~0.5v at max load). this equation shows that slower switching frequency is necessary to safely accommodate high v in /v out ratio. also, as shown in the next section, lower frequency allows a lower dropout voltage. the reason input voltage range depends on the switching frequency is because the lt3481 switch has ? nite minimum on and off times. the switch can turn on for a minimum of ~150ns and turn off for a minimum of ~150ns. this means that the minimum and maximum duty cycles are: dc f t dc f t min sw on min max sw off min = = () () 1? where f sw is the switching frequency, the t on(min) is the minimum switch on-time (~150ns), and the t off(min) is the minimum switch off-time (~150ns). these equations show that duty cycle range increases when switching frequency is decreased. a good choice of switching frequency should allow ad- equate input voltage range (see next section) and keep the inductor and capacitor values small. input voltage range the maximum input voltage for lt3481 applications depends on switching frequency, the absolute maximum ratings on v in and boost pins, and on operating mode. if the output is in start-up or short-circuit operating modes, then v in must be below 34v and below the result of the following equation: v vv ft vv in max out d sw on min ds w () () = + + ? where v in(max) is the maximum operating input voltage, v out is the output voltage, v d is the catch diode drop (~0.5v), v sw is the internal switch drop (~0.5v at max load), f sw is the switching frequency (set by r t ), and t on(min) is the minimum switch on-time (~150ns). note that a higher switching frequency will depress the maximum operating input voltage. conversely, a lower switching figure 1. switching frequency vs r t value applications information downloaded from: http:/// lt3481 10 3481fc frequency will be necessary to achieve safe operation at high input voltages. if the output is in regulation and no short-circuit or start-up events are expected, then input voltage transients of up to 36v are acceptable regardless of the switching frequency. in this mode, the lt3481 may enter pulse-skipping opera- tion where some switching pulses are skipped to maintain output regulation. in this mode the output voltage ripple and inductor current ripple will be higher than in normal operation. the minimum input voltage is determined by either the lt3481s minimum operating voltage of ~3.6v or by its maximum duty cycle (see equation in previous section). the minimum input voltage due to duty cycle is: v vv ft vv in min out d sw off min ds w () () = + + 1? ? where v in(min) is the minimum input voltage, and t off(min) is the minimum switch off-time (150ns). note that higherswitching frequency will increase the minimum input voltage. if a lower dropout voltage is desired, a lower switching frequency should be used. inductor selection for a given input and output voltage, the inductor value and switching frequency will determine the ripple current. the ripple current i l increases with higher v in or v out and decreases with higher inductance and faster switch- ing frequency. a reasonable starting point for selecting the ripple current is: i l = 0.4( ( i out(max) ) where i out(max) is the maximum output load current. to guarantee suf? cient output current, peak inductor current must be lower than the lt3481s switch current limit (i lim ). the peak inductor current is: i l(peak) = i out(max) + i l /2 where i l(peak) is the peak inductor current, i out(max) is the maximum output load current, and i l is the inductor ripple current. the lt3481s switch current limit (i lim ) is at least 3.5a at low duty cycles and decreases linearly to 2.5a at dc = 0.8. the maximum output current is a func- tion of the inductor ripple current: i out(max) = i lim C i l /2 be sure to pick an inductor ripple current that provides suf? cient maximum output current (i out(max) ). the largest inductor ripple current occurs at the highest v in . to guarantee that the ripple current stays below the speci? ed maximum, the inductor value should be chosen according to the following equation: l vv fi vv v out d l out d in max = + ?? ? ?? ? + ?? ?? ?? ? () 1? ?? where v d is the voltage drop of the catch diode (~0.4v), v in(max) is the maximum input voltage, v out is the output voltage, f sw is the switching frequency (set by rt), and l is in the inductor value. the inductors rms current rating must be greater than the maximum load current and its saturation current should be about 30% higher. for robust operation in fault conditions (start-up or short circuit) and high input voltage (>30v), the saturation current should be above 3.5a. to keep the ef? ciency high, the series resistance (dcr) should be less than 0.1 , and the core material should be intended for high frequency applications. table 1 lists several vendors and suitable types. table 1. inductor vendors vendor url part series type murata www.murata.com lqh55d open tdk www.componenttdk.com slf7045 slf10145 shieldedshielded toko www.toko.com d62cb d63cbd75c d75f shieldedshielded shielded open sumida www.sumida.com cr54 cdrh74cdrh6d38 cr75 openshielded shielded open applications information downloaded from: http:/// lt3481 11 3481fc of course, such a simple design guide will not always result in the optimum inductor for your application. a larger value inductor provides a slightly higher maximum load current and will reduce the output voltage ripple. if your load is lower than 2a, then you can decrease the value of the inductor and operate with higher ripple current. this allows you to use a physically smaller inductor, or one with a lower dcr resulting in higher ef? ciency. there are several graphs in the typical performance characteristics section of this data sheet that show the maximum load current as a function of input voltage and inductor value for several popular output voltages. low inductance may result in discontinuous mode operation, which is okay but further reduces maximum load current. for details of maximum output current and discontinuous mode operation, see linear technology application note 44. finally, for duty cycles greater than 50% (v out /v in > 0.5), there is a minimum inductance required to avoid subharmonic oscillations. see an19. input capacitor bypass the input of the lt3481 circuit with a ceramic capaci- tor of x7r or x5r type. y5v types have poor performance over temperature and applied voltage, and should not be used. a 4.7f to 10f ceramic capacitor is adequate to bypass the lt3481 and will easily handle the ripple current. note that larger input capacitance is required when a lower switching frequency is used. if the input power source has high impedance, or there is signi? cant inductance due to long wires or cables, additional bulk capacitance may be necessary. this can be provided with a low performance electrolytic capacitor. step-down regulators draw current from the input supply in pulses with very fast rise and fall times. the input capacitor is required to reduce the resulting voltage ripple at the lt3481 and to force this very high frequency switching current into a tight local loop, minimizing emi. a 4.7f capacitor is capable of this task, but only if it is placed close to the lt3481 and the catch diode (see the pcb layout section). a second precaution regarding the ceramic input capacitor concerns the maximum input voltage rating of the lt3481. a ceramic input capacitor combined with trace or cable inductance forms a high quality (under damped) tank circuit. if the lt3481 circuit is plugged into a live supply, the input voltage can ring to twice its nominal value, possibly exceeding the lt3481s voltage rating. this situation is easily avoided (see the hot plugging safety section). for space sensitive applications, a 2.2f ceramic capaci- tor can be used for local bypassing of the lt3481 input. however, the lower input capacitance will result in in- creased input current ripple and input voltage ripple, and may couple noise into other circuitry. also, the increased voltage ripple will raise the minimum operating voltage of the lt3481 to ~3.7v. output capacitor and output ripple the output capacitor has two essential functions. along with the inductor, it ? lters the square wave generated by the lt3481 to produce the dc output. in this role it determines the output ripple, and low impedance at the switching frequency is important. the second function is to store energy in order to satisfy transient loads and stabilize the lt3481s control loop. ceramic capacitors have very low equivalent series resistance (esr) and provide the best ripple performance. a good starting value is: c vf out out sw = 100 where f sw is in mhz, and c out is the recommended output capacitance in f. use x5r or x7r types. this choice will provide low output ripple and good transient response. transient performance can be improved with a higher value capacitor if the compensation network is also adjusted to maintain the loop bandwidth. a lower value of output capacitor can be used to save space and cost but transient performance will suffer. see the frequency compensation section to choose an appropriate compensation network. applications information downloaded from: http:/// lt3481 12 3481fc when choosing a capacitor, look carefully through the data sheet to ? nd out what the actual capacitance is under operating conditions (applied voltage and temperature). a physically larger capacitor, or one with a higher voltage rating, may be required. high performance tantalum or electrolytic capacitors can be used for the output capacitor. low esr is important, so choose one that is intended for use in switching regulators. the esr should be speci? ed by the supplier, and should be 0.05 or less. such a capacitor will be larger than a ceramic capacitor and will have a larger capacitance, because the capacitor must be large to achieve low esr. table 2 lists several capacitor vendors. catch diode the catch diode conducts current only during switch off time. average forward current in normal operation can be calculated from: i d(avg) = i out (v in C v out )/v in where i out is the output load current. the only reason to consider a diode with a larger current rating than necessary for nominal operation is for the worst-case condition of shorted output. the diode current will then increase to the typical peak switch current. peak reverse voltage is equal to the regulator input voltage. use a diode with a reverse voltage rating greater than the input voltage. table 3 lists several schottky diodes and their manufacturers. table 3. diode vendors part number v r (v) i ave (a) v f at 1a (mv) v f at 2a (mv) on semicnductormbrm120e mbrm140 2040 11 530550 595 diodes inc.b120 b130 b220 b230 dfls240l 2030 20 30 40 11 2 2 2 500500 500500 500 international recti? er 10bq030 20bq030 3030 12 420 470 470 ceramic capacitors ceramic capacitors are small, robust and have very low esr. however, ceramic capacitors can cause problems when used with the lt3481 due to their piezoelectric nature. when in burst mode operation, the lt3481s switching frequency depends on the load current, and at very light loads the lt3481 can excite the ceramic capacitor at audio frequencies, generating audible noise. since the lt3481 operates at a lower current limit during burst mode op- eration, the noise is typically very quiet to a casual ear. if this is unacceptable, use a high performance tantalum or electrolytic capacitor at the output. vendor phone url part series commands panasonic (714) 373-7366 www.panasonic.com ceramic, polymer, tantalum eef series kemet (864) 963-6300 www.kemet.com ceramic, tantalum t494, t495 sanyo (408) 749-9714 www.sanyovideo.com ceramic, polymer, tantalum poscap murata (408) 436-1300 www.murata.com ceramic avx www.avxcorp.com ceramic, tantalum tps series taiyo yuden (864) 963-6300 www.taiyo-yuden.com ceramic table 2. capacitor vendors applications information downloaded from: http:/// lt3481 13 3481fc a ? nal precaution regarding ceramic capacitors concerns the maximum input voltage rating of the lt3481. a ceramic input capacitor combined with trace or cable inductance forms a high quality (under damped) tank circuit. if the lt3481 circuit is plugged into a live supply, the input volt- age can ring to twice its nominal value, possibly exceeding the lt3481s rating. this situation is easily avoided (see the hot plugging safely section). frequency compensation the lt3481 uses current mode control to regulate the output. this simpli? es loop compensation. in particular, the lt3481 does not require the esr of the output capacitor for stability, so you are free to use ceramic capacitors to achieve low output ripple and small circuit size. frequency compensation is provided by the components tied to the v c pin, as shown in figure 2. generally a capacitor (c c ) and a resistor (r c ) in series to ground are used. in addi- tion, there may be lower value capacitor in parallel. this capacitor (c f ) is not part of the loop compensation but is used to ? lter noise at the switching frequency, and is required only if a phase-lead capacitor is used or if the output capacitor has high esr. loop compensation determines the stability and transient performance. designing the compensation network is a bit complicated and the best values depend on the application and in particular the type of output capacitor. a practical approach is to start with one of the circuits in this data sheet that is similar to your application and tune the compensation network to optimize the performance. stability should then be checked across all operating conditions, including load current, input voltage and temperature. the lt1375 data sheet contains a more thorough discussion of loop compensation and describes how to test the stability using a transient load. figure 2 shows an equivalent circuit for the lt3481 control loop. the error ampli? er is a transconductance ampli? er with ? nite output impedance. the power section, consisting of the modulator, power switch and inductor, is modeled as a transconductance ampli? er generating an output current proportional to the voltage at the v c pin. note that the output capacitor integrates this current, and that the capacitor on the v c pin (c c ) integrates the error ampli? er output current, resulting in two poles in the loop. in most cases a zero is required and comes from either the output capacitor esr or from a resistor r c in series with c c . this simple model works well as long as the value of the inductor is not too high and the loop crossover frequency is much lower than the switching frequency. a phase lead capacitor (c pl ) across the feedback divider may improve the transient response. figure 3 shows the transient response when the load current is stepped from 500ma to 1500ma and back to 500ma. C + 1.265v sw v c gnd 3meg lt3481 3481 f02 r1 output esr c f c c r c error amplifier fb r2 c1 c1 current mode power stage g m = 3.5mho g m = 330mho + polymer or tantalum ceramic c pl figure 3. transient load response of the lt3481 front page application as the load current is stepped from 500ma to 1500ma. v out = 3.3v figure 2. model for loop response 3481 f03 i l 1a/div v out 100mv/div 10s/div v out = 12v; front page application applications information downloaded from: http:/// lt3481 14 3481fc burst mode operation to enhance ef? ciency at light loads, the lt3481 auto- matically switches to burst mode operation which keeps the output capacitor charged to the proper voltage while minimizing the input quiescent current. during burst mode operation, the lt3481 delivers single cycle bursts of current to the output capacitor followed by sleep periods where the output power is delivered to the load by the output capacitor. in addition, v in and bias quiescent currents are reduced to typically 20a and 50a respectively during the sleep time. as the load current decreases towards a no load condition, the percentage of time that the lt3481 operates in sleep mode increases and the average input current is greatly reduced resulting in higher ef? ciency. see figure 4. boost diode can be tied to the input (figure 5c), or to another supply greater than 2.8v. the circuit in figure 5a is more ef? cient because the boost pin current and bias pin quiescent current comes from a lower voltage source. you must also be sure that the maximum voltage ratings of the boost and bias pins are not exceeded. boost and bias pin considerationscapacitor c3 and the internal boost schottky diode (see the block diagram) are used to generate a boost volt- age that is higher than the input voltage. in most cases a 0.22f capacitor will work well. figure 2 shows three ways to arrange the boost circuit. the boost pin must be more than 2.3v above the sw pin for best ef? ciency. for outputs of 3v and above, the standard circuit (figure 5a) is best. for outputs between 2.8v and 3v, use a 1f boost capacitor. a 2.5v output presents a special case because it is marginally adequate to support the boosted drive stage while using the internal boost diode. for reliable boost pin operation with 2.5v outputs use a good external schottky diode (such as the on semi mbr0540), and a 1f boost capacitor (see figure 5b). for lower output voltages the v in boost sw bd v in v out 4.7 f gnd lt3481 v in boost sw bd v in v out 4.7 f c3 d2 gnd lt3481 v in boost sw bd v in v out 4.7 f c3 gnd lt3481 3481 fo5 (5a) for v out > 2.8v (5b) for 2.5v < v out < 2.8v (5c) for v out < 2.5v c3 the minimum operating voltage of an lt3481 application is limited by the minimum input voltage (3.6v) and by the maximum duty cycle as outlined in a previous section. for proper startup, the minimum input voltage is also limited by the boost circuit. if the input voltage is ramped slowly, or the lt3481 is turned on with its run/ss pin when the output is already in regulation, then the boost capacitor figure 5. three circuits for generating the boost voltage figure 4. burst mode operation 3481 f04 i l 0.5a/div v sw 5v/div v out 10mv/div 5s/div v in = 12v; front page application i load = 10ma applications information downloaded from: http:/// lt3481 15 3481fc may not be fully charged. because the boost capacitor is charged with the energy stored in the inductor, the circuit will rely on some minimum load current to get the boost circuit running properly. this minimum load will depend on input and output voltages, and on the arrangement of the boost circuit. the minimum load generally goes to zero once the circuit has started. figure 6 shows a plot of minimum load to start and to run as a function of input voltage. in many cases the discharged output capacitor will present a load to the switcher, which will allow it to start. the plots show the worst-case situation where v in is ramping very slowly. for lower start-up voltage, the boost diode can be tied to v in ; however, this restricts the input range to one-half of the absolute maximum rating of the boost pin. at light loads, the inductor current becomes discontinu- ous and the effective duty cycle can be very high. this reduces the minimum input voltage to approximately 300mv above v out . at higher load currents, the inductor current is continuous and the duty cycle is limited by the maximum duty cycle of the lt3481, requiring a higher input voltage to maintain regulation. soft-start the run/ss pin can be used to soft-start the lt3481, reducing the maximum input current during start-up. the run/ss pin is driven through an external rc ? lter to create a voltage ramp at this pin. figure 7 shows the start- up and shutdown waveforms with the soft-start circuit. by choosing a large rc time constant, the peak start-up current can be reduced to the current that is required to regulate the output, with no overshoot. choose the value of the resistor so that it can supply 20a when the run/ss pin reaches 2.3v. synchronization the internal oscillator of the lt3481 can be synchronized to an external 275khz to 475khz clock by using a 5pf to 20pf capacitor to connect the clock signal to the rt pin. the resistor tying the rt pin to ground should be chosen such that the lt3481 oscillates 20% lower than the intended synchronization frequency (see setting the switching frequency section). the lt3481 should not be synchronized until its output is near regulation as indicated by the pg ? ag. this can be done with the system microcontroller/microprocessor or with a discrete circuit by using the pg output. if a sync signal is applied while the pg is low, the lt3481 may exhibit erratic operation. see typical applications. when applying a sync signal, positive clock transitions reset lt3481s internal clock and negative transitions initiate a switch cycle. the amplitude of the sync signal must be at least 2v. the sync signal duty cycle can range figure 7. to soft-start the lt3481, add a resisitor and capacitor to the run/ss pin figure 6. the minimum input voltage depends on output voltage, load current and boost circuit 3481 f06 load current (a) 0.001 input voltage (v) 4.0 4.5 5.0 10 3.53.0 2.0 0.01 0.1 1 2.5 6.05.5 to start to run v out = 3.3v t a = 25c l = 4.7f = 800 khz load current (a) 0.001 input voltage (v) 5.0 6.0 7.0 10 4.02.0 0.01 0.1 1 3.0 8.0 to start to run v out = 5.0v t a = 25 c l = 4.7f = 800 khz 3481 f07 i l 1a/divv run/ss 2v/div v out 2v/div run/ss gnd 0.22f run 15k 2ms/div applications information downloaded from: http:/// lt3481 16 3481fc from 5% up to a maximum value given by the following equation: dc vv vv v f sync max out d in sw d sw () = + + ?? ? ?? ? 16 ? ? ??0 00ns where v out is the programmed output voltage, v d is the diode forward drop, v in is the typical input voltage, v sw is the switch drop, and f sw is the desired switching fre- quency. for example, a 24v input to 5v output at 300khz can be synchronized to a square wave with a maximum duty cycle of 60%. for some applications, such as 12v in to 5v out at 350khz, the maximum allowable sync duty cycle will be less than 50%. if a low duty cycle clock can-not be obtained from the system, then a one-shot should be used between the sync signal and the lt3481. see typical applications. the value of the coupling capacitor which connects the clock signal to the rt pin should be chosen based on the clock signal amplitude. good starting values for 3.3v and 5v clock signals are 10pf and 5pf, respectively. these values should be tested and adjusted for each individual application to assure reliable operation. caution should be used when synchronizing more than 50% above the initial switching frequency (as set by the r t resistor) because at higher clock frequencies the amplitude of the internal slope compensation used to prevent subharmonic switching is reduced. this type of subharmonic switching only occurs at input voltages less than twice output voltage. higher inductor values will tend to reduce this problem. shorted and reversed input protection if the inductor is chosen so that it wont saturate exces- sively, an lt3481 buck regulator will tolerate a shorted output. there is another situation to consider in systems where the output will be held high when the input to the lt3481 is absent. this may occur in battery charging ap- plications or in battery backup systems where a battery or some other supply is diode ored with the lt3481s output. if the v in pin is allowed to ? oat and the run/ss pin is held high (either by a logic signal or because it is tied to v in ), then the lt3481s internal circuitry will pull its quiescent current through its sw pin. this is ? ne if your system can tolerate a few ma in this state. if you ground the run/ss pin, the sw pin current will drop to essentially zero. however, if the v in pin is grounded while the output is held high, then parasitic diodes inside the lt3481 can pull large currents from the output through the sw pin and the v in pin. figure 8 shows a circuit that will run only when the input voltage is present and that protects against a shorted or reversed input. figure 8. diode d4 prevents a shorted input from discharging a backup battery tied to the output. it also protects the circuit from a reversed input. the lt3481 runs only when the input is present v in boost gnd fb run/ssv c sw d4 mbrs140 v in lt3481 3481 f08 v out backup applications information pcb layoutfor proper operation and minimum emi, care must be taken during printed circuit board layout. figure 9 shows the recommended component placement with trace, ground plane and via locations. note that large, switched currents ? ow in the lt3481s v in and sw pins, the catch diode (d1) and the input capacitor (c1). the loop formed by these components should be as small as possible. these components, along with the inductor and output capacitor, should be placed on the same side of the circuit board, and their connections should be made on that layer. place a local, unbroken ground plane below these components. the sw and boost nodes should be as small as possible. finally, keep the fb and v c nodes small so that the ground traces will shield them from the sw and boost nodes. the exposed pad on the bottom of the package must be soldered to ground so that the pad acts as a heat sink. to keep thermal resistance low, extend the ground plane as much as possible, and add thermal vias under and near the lt3481 to additional ground planes within the circuit board and on the bottom side. downloaded from: http:/// lt3481 17 3481fc vias to local ground planevias to v out vias to run/ssvias to pg vias to v in outline of localground plane 3481 f09 l1 c2 r rt r pg r c r2 r1 c c v out d1 c1 gnd figure 9. a good pcb layout ensures proper, low emi operation hot plugging safelythe small size, robustness and low impedance of ceramic capacitors make them an attractive option for the input bypass capacitor of lt3481 circuits. however, these capaci- tors can cause problems if the lt3481 is plugged into a live supply (see linear technology application note 88 for a complete discussion). the low loss ceramic capacitor, combined with stray inductance in series with the power source, forms an under damped tank circuit, and the voltage at the v in pin of the lt3481 can ring to twice the nominal input voltage, possibly exceeding the lt3481s rating and damaging the part. if the input supply is poorly controlled or the user will be plugging the lt3481 into an energized supply, the input network should be designed to prevent this overshoot. figure 10 shows the waveforms that result when an lt3481 circuit is connected to a 24v supply through six feet of 24-gauge twisted pair. the figure 10. a well chosen input network prevents input voltage overshoot and ensures reliable operation when the lt3481 is connected to a live supply + lt3481 4.7f v in 20v/div i in 10a/div 20s/div v in closing switch simulates hot plug i in (10a)(10b) low impedance energized 24v supply stray inductance due to 6 feet (2 meters) of twisted pair + lt 3 4 8 1 4.7f 0.1f 0.7 v in 20v/div i in 10a/div 20s/div danger ringing v in may exceed absolute maximum rating (10c) + lt 3 4 8 1 4.7f 22f 35v ai.ei. 3481 f10 v in 20v/div i in 10a/div 20s/div + applications information downloaded from: http:/// lt3481 18 3481fc typical applications ? rst plot is the response with a 4.7f ceramic capacitor at the input. the input voltage rings as high as 50v and the input current peaks at 26a. a good solution is shown in figure 10b. a 0.7 resistor is added in series with the input to eliminate the voltage overshoot (it also reduces the peak input current). a 0.1f capacitor improves high frequency ? ltering. for high input voltages its impact on ef? ciency is minor, reducing ef? ciency by 1.5 percent for a 5v output at full load operating from 24v. high temperature considerations the pcb must provide heat sinking to keep the lt3481 cool. the exposed pad on the bottom of the package must be soldered to a ground plane. this ground should be tied to large copper layers below with thermal vias; these lay- ers will spread the heat dissipated by the lt3481. place additional vias can reduce thermal resistance further. with these steps, the thermal resistance from die (or junction) to ambient can be reduced to ja = 35c/w or less. with 100lfpm air? ow, this resistance can fall by another 25%. further increases in air? ow will lead to lower thermal re- sistance. because of the large output current capability of the lt3481, it is possible to dissipate enough heat to raise the junction temperature beyond the absolute maximum of 125c (150c for the h grade). when operating at high ambient temperatures, the maximum load current should be derated as the ambient temperature approaches 125c (150c for the h grade). power dissipation within the lt3481 can be estimated by calculating the total power loss from an ef? ciency measurement and subtracting the catch diode loss. the die temperature is calculated by multiplying the lt3481 power dissipation by the thermal resistance from junction to ambient. other linear technology publications application notes 19, 35 and 44 contain more detailed descriptions and design information for buck regulators and other switching regulators. the lt1376 data sheet has a more extensive discussion of output ripple, loop compensation and stability testing. design note 100 shows how to generate a bipolar output supply using a buck regulator. applications information 5v step-down converter sw bias fb v c pg rt v in bd v in 6.3v to 34v v out 5v2a 4.7f 0.47f 22f 200k f = 800khz d: diodes inc. dfls240l l: taiyo yuden np06dzb6r8m d 20k 60.4k l 6.8h 590k gnd 330pf on off lt3481 3481 ta02 run/ss boost downloaded from: http:/// lt3481 19 3481fc typical applications 3.3v step-down converter sw bias fb v c pg rt v in bd v in 4.4v to 34v v out 3.3v2a 4.7f 0.47f 22f 200k f = 800khz d: diodes inc. dfls240l l: taiyo yuden np06dzb4r7m d 16.2k 60.4k l 4.7h 324k gnd 330pf on off lt3481 3481 ta03 run/ss boost 2.5v step-down converter sw bias fb v c pg rt v in bd v in 4v to 34v v out 2.5v2a 4.7f 1f 47f 200k f = 600khz d1: diodes inc. dfls240ld2: mbr0540 l: taiyo yuden np06dzb4r7m d1 22.1k 84.5k l 4.7h 196k gnd 220pf on off lt3481 d2 3481 ta04 run/ss boost 5v, 2mhz step-down converter sw bias fb v c pg rt v in bd v in 8.6v to 22v transient to 36v v out 5v2a 2.2f 0.47f 10f 200k f = 2mhz d: diodes inc. dfls240ll: sumida cdrm4d22/hp-2r2 d 20k 16.9k l 2.2h 590k gnd 330pf on off lt3481 3481 ta05 run/ss boost downloaded from: http:/// lt3481 20 3481fc typical applications 12v step-down converter sw bias fb v c pg rt v in bd v in 15v to 34v v out 12v2a 10f 0.47f 22f 100k f = 800khz d: diodes inc. dfls240ll: nec/tokin plc-0755-100 d 30k 60.4k l 10h 845k gnd 330pf on off lt3481 3481 ta06 run/ss boost 5v step-down converter with sync input on off sw bias fb v c pg rt v in bd v in 20v to 34v v out sync in pgood note: do not apply sync signal until pgood goes high 3.3v sq wave 300khz to 375khz v out 5v2a 4.7f 0.47f 47f 10k f = 250khz d: diodes inc. dfls240ll: nec/tokin plc-0755-8r2 d 11.8k 226k l 8.2h 29.4k gnd 1000pf 100k 75pf 8.2pf lt3481 3481 ta07 run/ss boost downloaded from: http:/// lt3481 21 3481fc typical applications 5v step-down converter with sync and one-shot 1.8v step-down converter sw bias fb v c pg rt v in bd v in 3.5v to 27v v out 1.8v2a 4.7f 0.47f 47f 200k f = 500khz d: diodes inc. dfls240l l: taiyo yuden np06dzb3r3m d 15.4k 105k l 3.3h 84.5k gnd 330pf on off lt3481 3481 ta09 run/ss boost sw bias fb v c pg rt v in bd v in 8v to 34v v out sync in 3v sq wave h z to 450khz v out 5v2a 4.7f 0.47f 47f 10k f = 300khz d: diodes inc. dfls240ll: nec/tokin plc-0755-150 q1: on semi mmbt3904 d 11.8k 133k l 15h 29.4k gnd 1000pf 1k and q1 25k 25k 100k on off 75pf 15pf lt3481 3481 ta08 run/ss boost 50pf downloaded from: http:/// lt3481 22 3481fc package description dd package 10-lead plastic dfn (3mm 3mm) (reference ltc dwg # 05-08-1699 rev b) 3.00 p 0.10 (4 sides) note:1. drawing to be made a jedec package outline m0-229 variation of (weed-2). check the ltc website data sheet for current status of variation assignment 2. drawing not to scale 3. all dimensions are in millimeters 4. dimensions of exposed pad on bottom of package do not include mold flash. mold flash, if present, shall not exceed 0.15mm on any side 5. exposed pad shall be solder plated 6. shaded area is only a reference for pin 1 location on the top and bottom of package 0.40 p 0.10 bottom viewexposed pad 1.65 p 0.10 (2 sides) 0.75 p 0.05 r = 0.125 typ 2.38 p 0.10 (2 sides) 1 5 10 6 pin 1 top mark (see note 6) 0.200 ref 0.00 C 0.05 (dd) dfn rev b 0309 0.25 p 0.05 2.38 p 0.05 (2 sides) recommended solder pad pitch and dimensions 1.65 p 0.05 (2 sides) 2.15 p 0.05 0.50bsc 0.70 p 0.05 3.55 p 0.05 packageoutline 0.25 p 0.05 0.50 bsc downloaded from: http:/// lt3481 23 3481fc information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no representa- tion that the interconnection of its circuits as described herein will not infringe on existing patent rights. package description mse package 10-lead plastic msop, exposed die pad (reference ltc dwg # 05-08-1664 rev c) msop (mse) 0908 rev c 0.53 p 0.152 (.021 p .006) seating plane 0.18 (.007) 1.10 (.043) max 0.17 C 0.27 (.007 C .011) typ 0.86 (.034) ref 0.50 (.0197) bsc 12 3 45 4.90 p 0.152 (.193 p .006) 0.497 p 0.076 (.0196 p .003) ref 8910 10 1 7 6 3.00 p 0.102 (.118 p .004) (note 3) 3.00 p 0.102 (.118 p .004) (note 4) note:1. dimensions in millimeter/(inch) 2. drawing not to scale 3. dimension does not include mold flash, protrusions or gate burrs. mold flash, protrusions or gate burrs shall not exceed 0.152mm (.006") per side 4. dimension does not include interlead flash or protrusions. interlead flash or protrusions shall not exceed 0.152mm (.006") per side 5. lead coplanarity (bottom of leads after forming) shall be 0.102mm (.004") max 0.254 (.010) 0 o C 6 o typ detail a detail a gauge plane 5.23 (.206) min 3.20 C 3.45 (.126 C .136) 0.889 p 0.127 (.035 p .005) recommended solder pad layout 0.305 p 0.038 (.0120 p .0015) typ 2.083 p 0.102 (.082 p .004) 2.794 p 0.102 (.110 p .004) 0.50 (.0197) bsc bottom view of exposed pad option 1.83 p 0.102 (.072 p .004) 2.06 p 0.102 (.081 p .004) 0.1016 p 0.0508 (.004 p .002) detail b detail b corner tail is part of the leadframe feature. for reference only no meaurement purpoe 0.05 ref 0.29ref downloaded from: http:/// lt3481 24 3481fc linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 fax: (408) 434-0507 www.linear.com ? linear technology corporation 2006 lt 0809 rev c printed in usa sw bias fb v c pg rt v in bd v in 3.6v to 27v v out 1.265v2a 4.7f 0.47f 47f f = 500khz d: diodes inc. dfls240l l: taiyo yuden np06dzb3r3m d 13k 105k l 3.3h gnd 330pf on off lt3481 3481 ta10 run/ss boost 1.265v step-down converter typical application related parts part number description comments lt1933 500ma (i out ), 500khz step-down switching regulator in sot-23 v in : 3.6v to 36v, v out(min) = 1.2v, i q = 1.6ma, i sd <1a, thinsot? package lt3437 60v, 400ma (i out ), micropower step-down dc/dc converter with burst mode operation v in : 3.3v to 80v, v out(min) = 1.25v, i q = 100a, i sd <1a, dfn package lt1936 36v, 1.4a (i out ), 500khz high ef? ciency step-down dc/dc converter v in : 3.6v to 36v, v out(min) = 1.2v, i q = 1.9ma, i sd <1a, ms8e package lt3493 36v, 1.2a (i out ), 750khz high ef? ciency step-down dc/dc converter v in : 3.6v to 40v, v out(min) = 0.8v, i q = 1.9ma, i sd <1a, dfn package lt1976/lt1977 60v, 1.2a (i out ), 200khz/500khz, high ef? ciency step-down dc/dc converter with burst mode operation v in : 3.3v to 60v, v out(min) = 1.20v, i q = 100a, i sd <1a, tssop16e package lt1767 25v, 1.2a (i out ), 1.1mhz, high ef? ciency step-down dc/dc converter v in : 3.0v to 25v, v out(min) = 1.20v, i q = 1ma, i sd <6a, ms8e package lt1940 dual 25v, 1.4a (i out ), 1.1mhz, high ef? ciency step-down dc/dc converter v in : 3.6v to 25v, v out(min) = 1.20v, i q = 3.8ma, i sd <30a, tssop16e package lt1766 60v, 1.2a (i out ), 200khz, high ef? ciency step-down dc/dc converter v in : 5.5v to 60v, v out(min) = 1.20v, i q = 2.5ma, i sd = 25a, tssop16e package lt3434/lt3435 60v, 2.4a (i out ), 200/500khz, high ef? ciency step-down dc/dc converter with burst mode operation v in : 3.3v to 60v, v out(min) = 1.20v, i q = 100a, i sd <1a, tssop16e package thinsot is a trademark of linear technology corporation. downloaded from: http:/// |
Price & Availability of LT3481HMSETRPBF |